PART |
Description |
Maker |
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
93LC76 93LC76-IP 93LC76-ISN 93LC76-P 93LC76-SN 93L |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
NM24C16 NM24C17 24C16 NM24C16LZEM8 NM24C16LEMT8 NM |
I2C Serial EEPROM 16K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT24AC128J-1.8 CAT24AC128JI-1.8 CAT24AC128J-1.8TE |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.210 INCH, LEAD AND HALOGEN FREE, EIAJ, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, LEAD AND HALOGEN FREE, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|
DS2432P-W072T CAT93C86LA-GT2 DS2432P-W022T DS28E04 |
1Kb Protected 1-Wire EEPROM with SHA-1 Engine 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 4096-Bit Addressable 1-Wire EEPROM with PIO 4K X 1 1-WIRE SERIAL EEPROM, PDSO16 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBCY3 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBGA6 2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog 256 X 8 EEPROM 3V, PDSO28 1Kb????ゅ?1-Wire EEPROM锛?甫??HA-1寮??
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
CAT24C128WI-GT3 |
128 kb I<sup>2</sup>C Serial CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
CAT24AC128 CAT24AC128GL-1.8TE13 CAT24AC128GLE-1.8T |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins 128kbit I2C串行CMOS EEPROM,带有三片地址输入引脚
|
Aeroflex, Inc. Intel, Corp. Fluke, Corp. CTS Valpey, Corp. Glenair, Inc. CATALYST[Catalyst Semiconductor] http://
|
CAT24AC128KE-1.8TE13 CAT24AC128UE-1.8TE13 CAT24AC1 |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
|
Catalyst Semiconductor http://
|
S524A40X21 S524A40X41 S524A60X51 S524A60X81 S524A4 |
1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|